Part Number Hot Search : 
50120 G936T81B 7512V CZRB5932 OPI2155 120000 D4KB40 CL1101
Product Description
Full Text Search
 

To Download BAT18-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT18...
Silicon RF Switching Diode Low-loss VHF / UHF switch above 10 MHz PIN diode with low forward resistance

BAT18-04
3
BAT18-05
3
D1
D2
D1
D2
1
2
1
2
Type BAT18-04 BAT18-05
Package SOT23 SOT23
Configuration series common cathode
LS(nH) Marking 1.8 AUs 1.8 ASs
Maximum Ratings at TA = 25C, unless otherwise specified Parameter Symbol VR IF Tj Top Tstg Symbol RthJS Value Unit
Diode reverse voltage Forward current Junction temperature Operating temperature range Storage temperature
Thermal Resistance Parameter
35 100 150 -55 ... 125 -55 ... 150
V mA C
Value
Unit
BAT18-04, BAT18-05
1For
calculation of RthJA please refer to Application Note Thermal Resistance
1
Junction - soldering point1)
290
K/W
Jan-07-2003
BAT18...
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Reverse current VR = 20 V VR = 20 V, TA = 60 C Forward voltage IF = 100 mA AC Characteristics Diode capacitance VR = 20 V, f = 1 MHz IF = 5 mA, f = 100 MHz IF = 10 mA, IR = 6 mA, measured at IR = 3 mA , I-region width Forward resistance Charge carrier life time RL = 100 CT rf
rr
Symbol min. IR VF -
Values typ. max.
Unit
nA 0.92 20 200 1.2 V
-
0.75 0.4 120
1 0.7 -
pF
WI
-
3
-
2
Jan-07-2003
ns m
BAT18...
Diode capacitance CT = f = 1MHz
BAT 18...
f = 100MHz
EHD07019
CT
2.0 pF 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
10 1 rf
BAT 18...
10 0
0
10
20
V VR
30
10 -1 10 -1
10 0
3
(VR)
Forward resistance rf =
(IF )
EHD07020
10 1
mA
10 2
F
Jan-07-2003


▲Up To Search▲   

 
Price & Availability of BAT18-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X